Part Number Hot Search : 
ICS840 L7387 150CT CH5297 74LCX32 PH40U MCBC2450 2N3859A
Product Description
Full Text Search
 

To Download SN74LS245DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS245 OCTAL BUS TRANSCEIVER
The SN54 / 74LS245 is an Octal Bus Transmitter/Receiver designed for 8-line asynchronous 2-way data communication between data buses. Direction Input (DR) controls transmission of Data from bus A to bus B or bus B to bus A depending upon its logic level. The Enable input (E) can be used to isolate the buses.
OCTAL BUS TRANSCEIVER
LOW POWER SCHOTTKY
* * * *
Hysteresis Inputs to Improve Noise Immunity 2-Way Asynchronous Data Bus Communication Input Diodes Limit High-Speed Termination Effects ESD > 3500 Volts LOGIC AND CONNECTION DIAGRAMS DIP (TOP VIEW)
VCC 20 E 19 B1 18 B2 17 B3 16 B4 15 B5 14 B6 13 B7 12 B8 11
20 1
J SUFFIX CERAMIC CASE 732-03
1 DIR
2 A1
3 A2
4 A3
5 A4
6 A5
7 A6
8 A7
9 A8
10 GND
20 1
N SUFFIX PLASTIC CASE 738-03
TRUTH TABLE
INPUTS E L L H DIR L H X Bus B Data to Bus A Bus A Data to Bus B Isolation OUTPUT
20 1
DW SUFFIX SOIC CASE 751D-03
ORDERING INFORMATION
SN54LSXXXJ Ceramic SN74LSXXXN Plastic SN74LSXXXDW SOIC
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH Supply Voltage Operating Ambient Temperature Range Output Current -- High Parameter 54 74 54 74 54, 74 54 74 IOL Output Current -- Low 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 3.0 - 12 - 15 12 24 Unit V C mA mA mA
FAST AND LS TTL DATA 5-398
SN54/74LS245
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VT+-VT- VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Hysteresis Input Clamp Diode Voltage 54, 74 Output HIGH Voltage 54, 74 54, 74 VOL IOZH IOZL Output LOW Voltage 74 Output Off Current HIGH Output Off Current LOW A or B, DR or E IIH Input HIGH Current DR or E A or B IIL IOS Input LOW Current Output Short Circuit Current (Note 1) Power Supply Current Total, Output HIGH ICC Total, Output LOW Total at HIGH Z - 40 0.35 0.5 20 - 200 20 0.1 0.1 - 0.2 - 225 70 90 95 mA VCC = MAX V A A A mA mA mA mA 2.0 0.25 0.4 V V 2.4 0.2 0.4 - 0.65 3.4 - 1.5 0.8 V V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = - 3.0 mA VCC = MIN, IOH = MAX IOL = 12 mA IOL = 24 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VOUT = 2.7 V VCC = MAX, VOUT = 0.4 V VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 5.5 V VCC = MAX, VIN = 0.4 V VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V, TRISE / TFALL 6.0 ns)
Limits Symbol tPLH tPHL tPZH tPZL tPLZ tPHZ Parameter Propagation Delay, Data to Output Output Enable Time to HIGH Level Output Enable Time to LOW Level Output Disable Time from LOW Level Output Disable Time from HIGH Level Min Typ 8.0 8.0 25 27 15 15 Max 12 12 40 40 25 25 Unit ns ns ns ns ns CL = 5.0 pF, RL = 667 CL = 45 pF, RL = 667 Test Conditions
FAST AND LS TTL DATA 5-399
Case 751D-03 DW Suffix 20-Pin Plastic SO-20 (WIDE) -A20 11
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE.
-B1 10
P
0.25 (0.010)
M
B
M
5.
751D 01, AND 02 OBSOLETE, NEW STANDARD 751D 03.
10 PL
G R X 45 -TC K
M
SEATING PLANE
M D 20 PL
0.25 (0.010) T B
S
F
J
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
12.65 7.40 2.35 0.35 0.50 12.95 7.60 2.65 0.49 0.90
INCHES MIN MAX
0.499 0.292 0.093 0.014 0.020 0.510 0.299 0.104 0.019 0.035
1.27 BSC 0.25 0.10 0 10.05 0.25 0.32 0.25 7 10.55 0.75
0.050 BSC 0.010 0.004 0 0.395 0.010 0.012 0.009 7 0.415 0.029
A
S
Case 732-03 J Suffix 20-Pin Ceramic Dual In-Line
NOTES: 1. LEADS WITHIN 0.25 mm (0.010) DIA., TRUE POSITION AT SEATING PLANE, AT MAXIMUM
20 1
11
2.
MATERIAL CONDITION. DIM L TO CENTER OF LEADS WHEN FORMED PARALLEL.
10
3.
DIM A AND B INCLUDES MENISCUS.
B A F C L
N H D
SEATING PLANE
J M
G
K
DIM A B C D F G H J K L M N
MILLIMETERS MIN MAX
23.88 6.60 3.81 0.38 1.40 25.15 7.49 5.08 0.56 1.65
INCHES MIN MAX
0.940 0.260 0.150 0.015 0.055 0.990 0.295 0.200 0.022 0.065
2.54 BSC 0.51 0.20 3.18 1.27 0.30 4.06
0.100 BSC 0.020 0.008 0.125 0.050 0.012 0.160
7.62 BSC 0 0.25 15 1.02
0.300 BSC 0 0.010 15 0.040
Case 738-03 N Suffix 20-Pin Plastic -A20 1 11 10
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEAD WHEN FORMED PARALLEL.
B C L
4.
DIMENSION B" DOES NOT INCLUDE MOLD FLASH.
5.
738 02 OBSOLETE, NEW STANDARD 738 03.
-TSEATING PLANE
K E G F D 20 PL
0.25 (0.010)
M
N
M J 20 PL
0.25 (0.010) T A
M M
T
B
M
DIM A B C D E F G J K L M N
MILLIMETERS MIN MAX
25.66 6.10 3.81 0.39 27.17 6.60 4.57 0.55
INCHES MIN MAX
1.010 0.240 0.150 0.015 1.070 0.260 0.180 0.022
1.27 BSC 1.27 1.77
0.050 BSC 0.050 0.070
2.54 BSC 0.21 2.80 0.38 3.55
0.100 BSC 0.008 0.110 0.015 0.140
7.62 BSC 0 0.51 15 1.01
0.300 BSC 0 0.020 15 0.040
FAST AND LS TTL DATA 5-400
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. tPZH Open Closed EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. tPZL Closed Open ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
SYMBOL
SW1
SW2
tPLZ
Closed Closed
Closed Closed
tPHZ
FAST AND LS TTL DATA 5-401


▲Up To Search▲   

 
Price & Availability of SN74LS245DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X